Part Number Hot Search : 
CMY3605 M25GZ51 C4520BF 80400 MAX6771 SLR605SD 80400 DT71V
Product Description
Full Text Search
 

To Download 2SC1141 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC1141
DESCRIPTION *With TO-3 package *High voltage ,high speed APPLICATIONS *Converters
*Inverters *Switching regulators *Motor controls
PINNING (See Fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
Absolute maximum ratings(Ta=? )
SYMBOL VCBO VCEO VEBO IC PT Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Total power dissipation Junction temperature Storage temperature Tmb=25? Open emitter Open base Open collector CONDITIONS MAX 600 300 7 15 150 200 -65~200 UNIT V V V A W ? ?
THERMAL CHARACTERISTICS
SYMBOL Rth j-mb PARAMETER Thermal resistance from junction to mounting base VALUE 1.0 UNIT ? /W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25? unless otherwise specified SYMBOL VCEO(SUS) V(BR)EBO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 fT PARAMETER Collector-emitter sustaining voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=0.1A ; IB=0 IE=1mA ; IC=0 IC=8A; IB=1.6A IC=8A; IB=1.6A VCB=600V; IE=0 VEB=7V; IC=0 IC=1A ; VCE=5V IC=7.5A ; VCE=5V IC=1A ; VCE=5V 15 10 MIN 300 7
2SC1141
TYP.
MAX
UNIT V V
1.5 1.6 0.1 0.1 50 25 10
V V mA mA
MHz
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC1141
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC1141

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X